PART |
Description |
Maker |
SB16-100A-SMD SB16-100R-SMD SB16-100SMD SB16-100M- |
DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI-REL APPLICATIONS Dual Schottky Barrier Diode In a SMD1 Ceramic Surface Mount Package For HI-REL Application(Common Cathode)(双肖特基势垒二极HI-REL应用,SMD1陶瓷表贴封装,共阴极连) Dual Schottky Barrier Diode In a SMD1 Ceramic Surface Mount Package For HI-REL Application(Common Anode)(双肖特基势垒二极HI-REL应用,SMD1陶瓷表贴封装,共阳极连) Dual Schottky Barrier Diode In a SMD1 Ceramic Surface Mount Package For HI-REL Application(Series Connection)(双肖特基势垒二极HI-REL应用,SMD1陶瓷表贴封装,串行连接)) DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HIREL APPLICATIONS DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS 16 A, 100 V, SILICON, RECTIFIER DIODE
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited Semelab(Magnatec) TT electronics Semelab, Ltd.
|
SD530S-T3 SD550S-T3 SD580S-T3 SD560S-T3 SD5100S-T3 |
CABLE ASSEMBLY; SMA MALE TO N FEMALE BULKHEAD; 18 GHz CABLE (SD520S - SD5100S) 5.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 5.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
BAT750 BAT75008 BAT750TA |
Discrete - Rectifiers (0.5A and higher) - Schottky / SBR Rectifiers 0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER SOT23 Schottky barrier diode
|
Diodes Incorporated Zetex Semiconductors
|
SS100 SS14 SS13 SS12 SS16 S100 |
Surfase mount schottky barrier rectifier. Max recurrent peak reverse voltage 100 V. Max average forward current 1.0 A. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
PanJit International Inc. PanJit Semiconductors Pan Jit International Inc.
|
SK13-13-F SK15-13 SK12-13-F SK14-13 SK14-13-F SK12 |
DIODE SCHOTTKY 1A 30V SMB 1 A, 30 V, SILICON, SIGNAL DIODE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
Diodes, Inc. Diodes Incorporated
|
SDM40E20L08 SDM40E20LA-7 SDM40E20LS-7-F SDM40E20LC |
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE DIODE SCHOTTKY 20V 300MW SOT23 0.4 A, 20 V, 2 ELEMENT, SILICON, SIGNAL DIODE DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
|
Diodes Incorporated Diodes Inc.
|
MBR0530T3 MBR0530T1 MBR0530T3G MBR0530T1G |
Surface Mount Schottky Power Rectifier Plastic SOD−123 Package Surface Mount Schottky Barrier Power Rectifier(0.5A,30V表贴型肖特基势垒功率整流
|
ONSEMI[ON Semiconductor]
|
MBRS15100CT MBRS15150CT MBRS1535CT MBRS1535CTV1 MB |
15.0 Ampere Surface Mount Schottky Barrier Rectiflers for PV Application 15.0 Ampere Surface Mount Schottky Barrier Rectifiers for PV Application
|
Taiwan Semiconductor Company, Ltd TY Semiconductor Co., Ltd Taiwan Semiconductor Co... TY Semiconductor Co., L...
|
SD101AW SD101BW SD101CW |
SCHOTTKY BARRIER SWITCHING DIODE (SD101AW - SD101CW) SURFACE MOUNT SCHOTTKY BARRIER DIODE
|
DIODES[Diodes Incorporated]
|
SB510 |
Schottky Pack: SMC SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 5.0A
|
Gulf Semiconductor
|
SB22-A SB23-A SB24-A SB25-A SB26-A |
Schottky Pack: SMA SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
|
Gulf Semiconductor
|